Part Number Hot Search : 
XN4506 1N5257B LT1777IS P90N20 74HCT4 12D05 74HC5 144FG
Product Description
Full Text Search
 

To Download KM01110511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power entry modules without line filter www.schurter.com/pg05 IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
KM
Plug removal necessary for fuse replacement
KM with shield
C14
70 C
Description
-PanelMount: Snap-inversionfromfrontside -3Functions: ApplianceInletProtectionclassI,LineSwitch2-pole,Fuseholderfor fuse-links5x20mm1-or2-pole -Quickconnectterminals4.8x0.8mm -Alternative:versionwithlinefilterKMF -Alternative:versionforscrewmountingDD11 -Withcoveronrear-side
-Ultra-compactdesign.Smalldimensionsinfrontofandbehindthepanel -Allsingleelementsarealreadywired -Foraddedsafety"Extra-Safe"fusedrawersareavailable FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1 Thefusedrawercanonlybeopenedwiththeaidofatool Thefuseholderisaccessiblefromtheequipmentfront -Idealforapplicationwithhightransientloads -QualifiedforuseinequipmentaccordingIEC/EN60950
Characteristics
Approvals
Other versions on request
-VDELicenseNumber:40021981 -ULLicenseNumber:E93617
-Fusedrawer1-pole,plussparefusecase -Fusedrawer2-pole,withshortingbar -Lineswitch1-pole -Otherrockermarking -ProtectionclassII,70C
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC RatingsUL/CSA DielectricStrength 10A/250VAC;50Hz 10A/250VAC;60Hz >2.5kVACbetweenL-N >3kVACbetweenL/N-PE (1min/50Hz) -25Cto70C fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 Quickconnectterminals4.8x0.8mm ,tin-plated Snap-in:1/1.5/2/2.5mm (allstepswithonevariant) Thermoplastic,black,UL94V-0 ApplianceInlet C14acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C,10A, ProtectionClass1 1or2pole,ShocksafecategoryPC2 acc.toIEC60127-6, forfuse-links5x20mm 5x20:2W(1pole)/1.4W(2-pole)per pole Choosefuse-linksfor2-poleversion insuchawaythatthetypicalpower acceptanceislessthan1.4Wforeach pole Admissiblepoweracceptanceathigherambienttemperatureseederating curves Rockerswitch2-pole,non-illuminated, acc.toIEC61058-1 Technicaldetails
Fuseholder
AllowableOperationTemp. DegreeofProtection ProtectionClass Terminal PanelThicknesss Material:Housing
RatedPowerAcceptance@ Ta23C
PowerAcceptance@Ta> 23C LineSwitch
Connectors
KM
www.schurter.com/pg05 Dimensions KM without shield
50mm
Power entry modules without line filter
30.35 25.7
.5 R1
0
46.8 50
L' N' 47 -0.05
+0.10
10.7
S 0.05 3.2 26.15 2.5 27.8
PE'
m
ax
.R
30.5
KM with shield
30.4 25.7
R1 .5
0
47.5 50
L' 47.8 -0.05
+0.10
N'
10.7
S 0.05 10 26.2 2.5 28.5
PE'
m
ax
.R
30.5
28.8 -0.05
Diagrams with shield
1) Line 2) Load
Connectors
0.
+0.10
3
0.
28 -0.05
3
+0.10
Power entry modules without line filter www.schurter.com/pg05
KM
2-pole
Admissible power acceptance in Watt per pole
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 20 40 60 80 100 I = 1.0 In I = 0.7 In I = << In
Derating Curves 1-pole
Admissible power acceptance in Watt
2.0
1.5 I = 1.0 In 1.0 I = 0.7 In I = << In 0.5
0.0 0 20 40 60 80 100
Ambient air temperature Ta C
Ambient air temperature Ta C
Variants
Fusedrawermustbeorderedseparately(seeaccessories). FingergripandExtraSafe.ThesamedrawerasusedbytypeKEA.
Fuseholder 1-pole 2-pole 1-pole 2-pole Line Switch 2-pole 2-pole 2-pole 2-pole EMC-Shielding With EMC-shield and without line filter With EMC-shield and without line filter Order Number KM00.1205.11 KM00.1105.11 KM01.1205.11 KM01.1105.11
Packaging unit Required Accessory
50Pcs
Description Fusedrawer 2 Fusedrawer with and without Voltage Selector Insert Fingergrip, 2-pole Extra-Safe, 2-pole Fingergrip, 1-pole Extra-Safe, 1-pole 4301.1401 4301.1403 4301.1405 4301.1407 ...
Accessories
Assorted Covers Rear Cover 0859.0076
Cord retaining kits Cord retaining strain relief Flat head, A 4700.0001
Connectors
KM
www.schurter.com/pg05 Mating Outlets/Connectors
Category / Description
Power entry modules without line filter
Appliance Outlet Overview complete IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal Appliance Outlet further types to KM Connector Overview complete IEC Connector C15, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Angled IEC Connector C13, Rewireable, Angled Connector further types to KM Power Cord Overview complete Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13 Power Cord further types to KM 0311 3011 3012 3013 3020 ... 0101 0102 0102-G 0112 4012 ... 4787 4788 5091 5092
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of KM01110511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X